Part Number Hot Search : 
ZXCT1084 05111 5962R HIR313C S2000AFI 05111 37246 KA3842
Product Description
Full Text Search
 

To Download 74LVC1G061010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Description
The 74LVC1G06 is a single inverter gate with an open drain output. The device is designed for operation with a power supply range of 1.65V to 5.5V. The input is tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the
Pin Assignments
(Top View) NC A
1 2 4 5
Vcc
GND 3
Y
NEW PRODUCT
output preventing damaging current backflow when the device is powered down. The open-drain output can be
SOT25 / SOT353
(Top View) NC A GND
1 6
connected to other open drain outputs to implement activelow wired-OR or active-high wired-AND functions. maximum sink current is 32 mA. The
Vcc NC Y
Features
* * * * * * Wide Supply Voltage Range from 1.65 to 5.5V 24mA Output Drive at 3.3V CMOS low power consumption IOFF Supports Partial-Power-Down Mode Operation Inputs accept up to 5.5V ESD Protection Tested per JESD 22 Exceeds 200-V Machine Model (A115-A) Exceeds 2000-V Human Body Model (A114-A) * * * * Latch-Up Exceeds 100mA per JESD 78, Class II Range of Package Options SOT25, SOT353, and DFN1410: Assembled with "Green" Molding Compound (no Br, Sb) Lead Free Finish/ RoHS Compliant (Note 1) * * * *
2
5
3
4
DFN1410 (Note 2)
Applications
Voltage Level Shifting General Purpose Logic Power Down Signal Isolation Wide array of products such as. o PCs, networking, notebooks, netbooks, PDAs o Computer peripherals, hard drives, CD/DVD ROM o TV, DVD, DVR, set top box o Cell Phones, Personal Navigation / GPS o MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html. 2. Pin 2 and pin 5 of the DFN1410 package are internally connected.
74LVC1G06
Document number: DS32272 Rev. 2 - 2
1 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Pin Descriptions
Pin Name NC A GND Y Vcc No connection Data Input Ground Data Output Open Drain Supply Voltage Description
NEW PRODUCT
Logic Diagram
A
2
4
Y
Function Table
Inputs A H L Output Y L Z
74LVC1G06
Document number: DS32272 Rev. 2 - 2
2 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Absolute Maximum Ratings (Note 3)
Symbol ESD HBM ESD MM VCC VI Vo Description Human Body Model ESD Protection Machine Model ESD Protection Supply Voltage Range Input Voltage Range Voltage applied to output in high impedance or IOFF state Voltage applied to output in high or low state Input Clamp Current VI<0 Output Clamp Current Continuous output current Continuous current through Vdd or GND TJ TSTG
Notes:
Rating 2 200 -0.5 to 6.5 -0.5 to 6.5 -0.5 to 6.5 -0.3 to VCC +0.5 -50 -50 50 100 -40 to 150 -65 to 150
Unit KV V V V V V mA mA mA mA C C
NEW PRODUCT
Vo IIK IOK IO
Operating Junction Temperature Storage Temperature
3. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be within recommend values.
74LVC1G06
Document number: DS32272 Rev. 2 - 2
3 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Recommended Operating Conditions (Note 4)
Symbol VCC Operating Voltage Parameter Operating Data retention only VCC = 1.65 V to 1.95 V VIH High-level Input Voltage VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V VCC = 1.65 V to 1.95 V VIL Low-level input voltage VCC = 2.3 V to 2.7 V VCC = 3 V to 3.6 V VCC = 4.5 V to 5.5 V VI VO Input Voltage Output Voltage VCC = 1.65 V VCC = 2.3 V IOL Low-level output current VCC = 3 V VCC = 4.5 V t/V VCC = 1.8 V 0.15V, 2.5 V 0.2 V Input transition rise or fall VCC = 3.3 V 0.3 V rate VCC = 5 V 0.5 V Operating free-air temperature
4. Unused inputs should be held at Vcc or Ground.
Min 1.65 1.5 0.65 X VCC 1.7 2 0.7 X VCC
Max 5.5
Unit V V
V
NEW PRODUCT
0.35 X VCC 0.7 0.8 0.3 X VCC 0 0 5.5 VCC 4 8 16 24 32 20 10 5 -40 85 C ns/V mA V V V
TA
Notes:
74LVC1G06
Document number: DS32272 Rev. 2 - 2
4 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Electrical Characteristics (All typical values are at Vcc = 3.3V, TA = 25C)
Over recommended free-air temperature range (unless otherwise noted) Symbol Parameter Test Conditions IOL = 100 A IOL = 4 mA VOL High-level Input Voltage IOL = 8 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA II IOZ IOFF ICC ICC Ci JA Input Current Z State Leakage Current Power Down Leakage Current Supply Current VI = 5.5 V or GND VO =0 to 5.5V VI or VO = 5.5V VI = 5.5V of GND IO=0 Vi = VCC - or GND SOT25 SOT353 DFN1410 SOT25 SOT353 DFN1410 Vcc 1.65V to 5.5V 1.65V 2.3V 3V 4.5V 0 to 5.5 V 3.6V 0 1.65V to 5.5V 3 V to 5.5V 3.3 (Note 5) (Note 5) (Note 5) (Note 5) (Note 5) (Note 5) 3.5 204 371 430 52 143 190
o o
Min
Typ
Max 0.1 0.45 0.3 0.4 0.55 0.55 5 10 10 10 500
Unit V
NEW PRODUCT
A
A A A A pF C/W C/W o C/W o C/W o C/W o C/W
Additional Supply Current Input at VCC -0.6 V Input Capacitance Thermal Resistance Junction-to-Case Thermal Resistance Junction-to-Case
JC
Notes:
5. Test condition for SOT25, SOT353, and DFN1410: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
74LVC1G06
Document number: DS32272 Rev. 2 - 2
5 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Switching Characteristics
Over recommended free-air temperature range, CL = 30 or 50pF (unless otherwise noted) (see Figure 1) Vcc = 1.8 V Vcc = 2.5 V Vcc = 3.3 V Vcc = 5 V From TO 0.15V 0.2V 0.3V 0.5V Parameter (Input) (OUTPUT) Min Max Min Max Min Max Min Max tpd A Y 1.5 6.5 1.0 4 1.0 4 1.0 3
Unit ns
Operating Characteristics NEW PRODUCT
TA = 25 C Parameter Power dissipation capacitance Test Conditions f = 10 MHz Vcc = 1.8 V TYP 3 Vcc = 2.5 V TYP 3 Vcc = 3.3 V TYP 4 Vcc = 5 V TYP 6 pF Unit
Cpd
74LVC1G06
Document number: DS32272 Rev. 2 - 2
6 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Parameter Measurement Information
TEST tPLZ (see Notes D and E) tPZL(see Notes D and F)
Condition Vload Vload
NEW PRODUCT
Vcc 1.8V0.15V 2.5V0.2V 3.3V0.3V 5V0.5V VI VCC VCC 3V VCC
Inputs tr/tf 2ns 2ns 2.5ns 2.5ns
VM VCC/2 VCC/2 1.5V VCC/2
VLOAD 2 X VCC 2 X VCC 6V 2 X VCC
CL 30pF 30pF 50pF 50pF
RL 1K 500 500 500
V 0.15V 0.15V 0.3V 0.3V
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times Figure 1. Load Circuit and Voltage Waveforms
Notes: A. Includes test lead and test apparatus capacitance. B. All pulses are supplied at pulse repetition rate 10 MHz C. The inputs are measured one at a time with one transition per measurement. D. For the open drain device tPLZ and tPZL are the same as tPD E. tPZL is measured at VM. F. tPLZ is measured at VOL +V
74LVC1G06
Document number: DS32272 Rev. 2 - 2
7 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Ordering Information
74LVC1G 06 XXX - 7
Logic Device
74 : Logic Prefix LVC : 1.65 to 5.5V Family 1G : One gate
Function
06 : Inverter Buffer With Open Drain
Package
W5 : SOT25 SE : SOT353 FZ4 : DFN1410
Packing
7 : Tape & Reel
NEW PRODUCT
Device 74LVC1G06W5-7 74LVC1G06SE-7 74LVC1G06FZ4-7
Notes:
Package Code W5 SE FZ4
Packaging (Note 6) SOT25 SOT353 DFN1410
7" Tape and Reel Quantity Part Number Suffix 3000/Tape & Reel -7 3000/Tape & Reel -7 5000/Tape & Reel -7
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
74LVC1G06
Document number: DS32272 Rev. 2 - 2
8 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Marking Information
(1) SOT25 and SOT353
(Top View)
5
4
7
XX Y W X
NEW PRODUCT
1
2
3
XX : Identification code Y : Year 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : A~Z : Internal code
Package SOT25 SOT353 Identification Code UM UM
Part Number 74LVC1G06W5 74LVC1G06SE
(2) DFN1410
(Top View) XX YWX XX : Identification Code Y : Year : 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : A~Z : Internal code
Package DFN1410 Identification Code UM
Part Number 74LVC1G06FZ4
74LVC1G06
Document number: DS32272 Rev. 2 - 2
9 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SOT25
NEW PRODUCT
(2) Package Type: SOT353
6x-0.42 0.10/0.30
C L
C L
1.3
C L
1.15/1.35
2.0/2.2
2x-0.65 6x-0.60
C L
1.9
0.40/0.45
0.65Bsc.
1.10Max.
0.9/1.0
Detail"A" 0.1/0.22
"A"
0/0.1
1.8/2.2
74LVC1G06
Document number: DS32272 Rev. 2 - 2
10 of 13 www.diodes.com
0/8
C L
0.25/0.40
0.25
PIN 1
Land Pattern Recommendation (unit:mm) Top View
Gauge Plane
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Package Outline Dimensions (Continued)
(3) Package Type: DFN1410
0.13Typ.
0.10 C
6x-
0.40Max.
0/0.05
0.08 C
Seating Plane 0.25 A 6x-0.35
Side View
C 6x-0.25
NEW PRODUCT
2X-
A
0.50Typ. B 6x-0.25/0.35 0.075 0.030 O
0.550 4x-0.50Typ. Land Pattern Recommendation (mm)
1.35/1.45
0.95/1.05
(Pin #1 ID)
X 45 . 1x C0
Top View
2X-
0.25 B 0.10(4x) 6x-0.15/0.25 0.10 CAB
Bottom View
74LVC1G06
Document number: DS32272 Rev. 2 - 2
11 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT Taping Orientation (Note 7)
For DFN1410
NEW PRODUCT
Notes:
7. The taping orientation of the other package type can be found on our website at http://www.diodes.com/datasheets/ap02007.pdf
74LVC1G06
Document number: DS32272 Rev. 2 - 2
12 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated
74LVC1G06
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
NEW PRODUCT
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2010, Diodes Incorporated www.diodes.com
74LVC1G06
Document number: DS32272 Rev. 2 - 2
13 of 13 www.diodes.com
October 2010
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of 74LVC1G061010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X